Part Number Hot Search : 
561KD10 8201XA ELM304P E4001 9128M00 XXXXXBG UMA70CA YDW20
Product Description
Full Text Search
 

To Download 1N6286CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N6267C - 1N6303CA
VBR : 6.8 - 200 Volts PPK : 1500 Watts
FEATURES :
* 1500W surge capability at 1ms * Excellent clamping capability * Low zener impedance * Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.) * Typical IR less then 1A above 10V * Pb / RoHS Free
BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
DO-201
0.21 (5.33) 0.19 (4.83)
1.00 (25.4) MIN.
0.375 (9.53) 0.285 (7.24)
MECHANICAL DATA
* Case : DO-201 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, method 208 guaranteed * Mounting position : Any * Weight : 0.93 gram
0.052 (1.07) 0.048 (0.97)
1.00 (25.4) MIN.
Dimensions in inches and (millimeters)
DEVICES FOR UNIPOLAR APPLICATIONS
For uni-directional without "C" Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified.
Rating
Peak Power Dissipation at Ta = 25 C, Tp=1ms (Note1) Steady State Power Dissipation at TL = 75 C
Symbol
PPK
Value
1500
Unit
W
PD Lead Lengths 0.375", (9.5mm) (Note 2) Operating and Storage Temperature Range TJ, TSTG
5.0
W
- 65 to + 175
C
Note :
(1) Non-repetitive Current pulse, per Fig. 2 and derated above Ta = 25 C per Fig. 1 (2) Mounted on Copper Lead area of 1.57 in2 (40mm2).
Page 1 of 4
Rev. 05 : March 25, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Breakdown Voltage @ It ( Note 1 ) W orking Peak Reverse Voltage VRWM (V) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 Maximum Reverse Leakage @ VRWM IR (A) 2000 2000 1000 1000 400 400 100 100 10 10 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Reverse Current IRSM (A) 139 143 128 132 120 124 109 112 100 103 93.0 96.0 87.0 90.0 79.0 82.0 68.0 71.0 64.0 67.0 56.5 59.5 51.5 54.0 47.0 49.0 43.0 45.0 38.5 40.0 34.5 36.0 31.5 33.0 29.0 30.0 26.5 28.0 24.0 25.3 22.2 23.2 20.4 21.4 Maximum Clamping Voltage @ IRSM VRSM (V) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 Maximum Temperature Co-efficient of VBR (% / C) 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102
TYPE
VBR (V) Min. 1N6267C 1N6267CA 1N6268C 1N6268CA 1N6269C 1N6269CA 1N6270C 1N6270CA 1N6271C 1N6271CA 1N6272C 1N6272CA 1N6273C 1N6273CA 1N6274C 1N6274CA 1N6275C 1N6275CA 1N6276C 1N6276CA 1N6277C 1N6277CA 1N6278C 1N6278CA 1N6279C 1N6279CA 1N6280C 1N6280CA 1N6281C 1N6281CA 1N6282C 1N6282CA 1N6283C 1N6283CA 1N6284C 1N6284CA 1N6285C 1N6285CA 1N6286C 1N6286CA 1N6287C 1N6287CA 1N6288C 1N6288CA 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 Max. 7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 It (mA) 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Page 2 of 4
Rev. 05 : March 25, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Breakdown Voltage @ It ( Note 1 ) W orking Peak Reverse Voltage VRWM (V) 45.4 47.8 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102 105 111 121 128 130 136 138 145 146 154 162 171 Maximum Reverse Leakage @ VRWM IR (A) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Reverse Current IRSM (A) 18.6 19.5 16.9 17.7 15.3 16.3 13.9 14.6 12.7 13.3 11.4 12.0 10.4 11.0 9.5 9.9 8.7 9.1 8.0 8.4 7.0 7.2 6.5 6.8 6.2 6.4 5.8 6.1 5.2 5.5 Maximum Clamping Voltage @ IRSM VRSM (V) 80.5 77.0 89.0 85.0 98.0 92.0 108 103 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 Maximum Temperature Co-efficient of VBR (% / C) 0.103 0.103 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108
TYPE
VBR (V) Min. 1N6289C 1N6289CA 1N6290C 1N6290CA 1N6291C 1N6291CA 1N6292C 1N6292CA 1N6293C 1N6293CA 1N6294C 1N6294CA 1N6295C 1N6295CA 1N6296C 1N6296CA 1N6297C 1N6297CA 1N6298C 1N6298CA 1N6299C 1N6299CA 1N6300C 1N6300CA 1N6301C 1N6301CA 1N6302C 1N6302CA 1N6303C 1N6303CA 50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105 108 114 117 124 135 143 144 152 153 162 162 171 180 190 Max. 61.6 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210 It (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Note: ( 1 ) VBR measured after It applied for 300 s., It = square wave pulse or equivalent.
Page 3 of 4
Rev. 05 : March 25, 2005
RATING AND CHARACTERISTIC CURVES ( 1N6267C - 1N6303CA )
FIG.1 - PULSE DERATING CURVE
120
FIG.2 - PULSE WAVEFORM
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
PEAK PULSE CURRENT - % IRMS
Tr = 10s 100 Peak Value IRSM
100
80
TJ=25 C Pulse Width (tp) is defined as that point where the peak current decays to 50% of IRSM
60
50
Half Value - IRSM 2 10X1000 Waveform as defined by R.E.A.
40
20 0 0 25 50 75 100 125 150 175
tp 0 0 1.0 2.0 3.0 4.0
Ta, AMBIENT TEMPERATURE, ( C)
T, TIME(ms)
FIG.3 - STEADY STATE POWER DERATING PD, STEADY STATE POWER DISSIPATION (WATTS)
5.00 100
FIG.4 - PULSE RATING CURVE
3.75
Pp,PEAK POWER (kW)
Single Phase Half Wave 60 Hz Resistive or Inductive load
10
2.50
1.0
1.25
0.1 0.1s 125 150 175 200
1.0s
10s
100s
1.0ms
10ms
0 0 25 50 75 100
tp, PULSE WIDTH
TL, LEAD TEMPERATURE (C)
Page 4 of 4
Rev. 05 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of 1N6286CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X